Part Number Hot Search : 
KBPC15 MAX39 5KP10 C101M LC75384 22142 C823A RP16104
Product Description
Full Text Search
 

To Download APTGT30H60T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APTGT30H60T1G APTGT30H60T1G ? rev 0 august, 2007 www.microsemi.com 1 ? 5 q3 q4 1 2 9 q2 q1 6 4 11 8 10 12 cr2 cr1 3 7 5 ntc cr4 cr3 pins 3/4 must be shorted together absolute maximum ratings symbol parameter max ratings unit v ces collector - emitter breakdown voltage 600 v t c = 25c 50 i c continuous collector current t c = 80c 30 i cm pulsed collector current t c = 25c 60 a v ge gate ? emitter voltage 20 v p d maximum power dissipation t c = 25c 90 w rbsoa reverse bias safe operating area t j = 150c 60a @ 550v these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. see application note apt0502 on www.microsemi.com application ? welding converters ? switched mode power supplies ? uninterruptible power supplies ? motor control features ? trench + field stop igbt ? technology - low voltage drop - low tail current - switching frequency up to 20 khz - soft recovery parallel diodes - low diode vf - low leakage current - rbsoa and scsoa rated ? very low stray inductance - symmetrical design ? internal thermistor for temperature monitoring ? high level of integration benefits ? outstanding performance at high frequency operation ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? solderable terminals both for power and signal for easy pcb mounting ? low profile ? each leg can be easily paralleled to achieve a phase leg of twice the current capability ? rohs compliant full - bridge trench + field stop igbt ? power module v ces = 600v i c = 30a @ tc = 80c
APTGT30H60T1G APTGT30H60T1G ? rev 0 august, 2007 www.microsemi.com 2 ? 5 all ratings @ t j = 25c unless otherwise specified electrical characteristics symbol characteristic test conditions min typ max unit i ces zero gate voltage collector current v ge = 0v, v ce = 600v 250 a t j = 25c 1.5 1.9 v ce(sat) collector emitter saturation voltage v ge =15v i c = 30a t j = 150c 1.7 v v ge(th) gate threshold voltage v ge = v ce , i c = 400a 5.0 5.8 6.5 v i ges gate ? emitter leakage current v ge = 20v, v ce = 0v 300 na dynamic characteristics symbol characteristic test conditions min typ max unit c ies input capacitance 1600 c oes output capacitance 110 c res reverse transfer capacitance v ge = 0v v ce = 25v f = 1mhz 50 pf t d(on) turn-on delay time 110 t r rise time 45 t d(off) turn-off delay time 200 t f fall time inductive switching (25c) v ge = 15v v bus = 300v i c = 30a r g = 10 ? 40 ns t d(on) turn-on delay time 120 t r rise time 50 t d(off) turn-off delay time 250 t f fall time inductive switching (150c) v ge = 15v v bus = 300v i c = 30a r g = 10 ? 60 ns t j = 25c 0.16 e on turn-on switching energy t j = 150c 0.3 mj t j = 25c 0.7 e off turn-off switching energy v ge = 15v v bus = 300v i c = 30a r g = 10 ? t j = 150c 1.05 mj reverse diode ratings and characteristics symbol characteristic test conditions min typ max unit v rrm maximum peak repetitive reverse voltage 600 v t j = 25c 250 i rm maximum reverse leakage current v r =600v t j = 150c 500 a i f dc forward current tc = 80c 30 a t j = 25c 1.6 2 v f diode forward voltage i f = 30a v ge = 0v t j = 150c 1.5 v t j = 25c 100 t rr reverse recovery time t j = 150c 150 ns t j = 25c 1.5 q rr reverse recovery charge t j = 150c 3.1 c t j = 25c 0.34 e r reverse recovery energy i f = 30a v r = 300v di/dt =1800a/s t j = 150c 0.75 mj
APTGT30H60T1G APTGT30H60T1G ? rev 0 august, 2007 www.microsemi.com 3 ? 5 thermal and package characteristics symbol characteristic min typ max unit igbt 1.6 r thjc junction to case thermal resistance diode 2.45 c/ w v isol rms isolation voltage, any terminal to case t =1 min, i isol<1ma, 50/60hz 2500 v t j operating junction temperature range -40 175 t stg storage temperature range -40 125 t c operating case temperature -40 100 c torque mounting torque to heatsink m4 2.5 4.7 n.m wt package weight 80 g temperature sensor ntc (see application note apt0406 on www.microsemi.com for more information). symbol characteristic min typ max unit r 25 resistance @ 25c 50 k ? b 25/85 t 25 = 298.15 k 3952 k ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? = t t b r r t 1 1 exp 25 85 / 25 25 sp1 package outline (dimensions in mm) see application note 1904 - mounting instructions for sp1 power modules on www.microsemi.com t: thermistor temperature r t : thermistor value at t
APTGT30H60T1G APTGT30H60T1G ? rev 0 august, 2007 www.microsemi.com 4 ? 5 typical performance curve output characteristics (v ge =15v) t j =25c t j =25c t j =125c t j =150c 0 10 20 30 40 50 60 00.511.522.53 v ce (v) i c (a) output characteristics v ge =15v v ge =13v v ge =19v v ge =9v 0 10 20 30 40 50 60 00.511.522.533.5 v ce (v) i c (a) t j = 150c transfert characteristics t j =25c t j =25c t j =125c t j =150c 0 10 20 30 40 50 60 56789101112 v ge (v) i c (a) energy losses vs collector current eon eoff er 0 0.5 1 1.5 2 0 102030405060 i c (a) e (mj) v ce = 300v v ge = 15v r g = 10 ? t j = 150c eon eon eoff er 0 0.5 1 1.5 2 2.5 0 10203040506070 gate resistance (ohms) e (mj) v ce = 300v v ge =15v i c = 30a t j = 150c switching energy losses vs gate resistance reverse bias safe operating area 0 10 20 30 40 50 60 70 0 100 200 300 400 500 600 700 v ce (v) i c (a) v ge =15v t j =150c r g =10 ? maximum effective transient thermal impedance, junction to case vs pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration in seconds thermal impedance (c/w) igbt
APTGT30H60T1G APTGT30H60T1G ? rev 0 august, 2007 www.microsemi.com 5 ? 5 forward characteristic of diode t j =25c t j =125c t j =150c 0 10 20 30 40 50 60 0 0.4 0.8 1.2 1.6 2 2.4 v f (v) i f (a) hard switching zcs zvs 0 20 40 60 80 100 120 0 10203040 i c (a) fmax, operating frequency (khz) v ce =300v d=50% r g =10 ? t j =150c t c =85c operating frequency vs collector current maximum effective transient thermal impedance, junction to case vs pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.5 1 1.5 2 2.5 3 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration in seconds thermal impedance (c/w) diode microsemi reserves the right to change, without notice, the specifications and info rmation contained herein microsemi's products are covered by one or more of u.s patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. u.s and foreign pa tents pending. all rights reserved.


▲Up To Search▲   

 
Price & Availability of APTGT30H60T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X